Part Number Hot Search : 
DM115 68EBGP PSP1045 T1213 MSM51 R8C10 27C30 T88SC
Product Description
Full Text Search
 

To Download GF2010C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 pin 16.5 0.3 10.2 0.2 15.0 0.5 4.0 0.3 13.5 0.5 2.6 0.15 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3.30.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost low leakage low forward voltage drop high current capability case:jedec to-220ab,molded plastic polarity: as marked mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. gf gf gf gf gf units maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v max imum dc bloc king v oltage v dc v maximum average forw ard rectified current @t c =100 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10 a v f v maximum reverse current @t a =25 at rated dc blockin g vo ltage @t a =150 maximum reverse recovery time (note1) t rr ns operating junction te mperature range t j storage temperature range t stg the plastic material carries u/l recognition 94v-0 note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a 150 i r i fsm 250 500 a 5.0 10 maximum ratings and electrical characteristics a voltage range: 100 --- 600 v current: 20 a to-220ab easily cleaned with alcohol,isopropanol and s im ilar s olvents i f(av) 20 gf 2010c 2020c 2030c 2040c 2050c 2060c - 55 ----- + 150 0.98 70 140 210 280 350 420 100 200 300 400 500 600 30 1.3 1.7 100 2 00 300 4 00 500 600 - 55 ----- + 150 dimensions in millimeters GF2010C-gf2060c super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
4.0 3.5 100 10 1.0 3.0 2.5 2.0 1.5 1.0 0.5 0 20 GF2010C---gf2020c gf2030c---gf2040c gf2050c---gf2060c 124 10 8 20 40 60 80 100 0 t j =125 ?? 8.3ms single half sine-wave 150 amperes instantaneous forward current fig.4-forword derating curve case temperature, average forward current peak forward surge current amperes amperes fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts z set time base for 15 ns/cm notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fig.3 -- peak forward surge current -1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 0 25 50 75 100 125 150 single phase half wave 60 h z resistive or inductive load 175 4.0 8.0 12 16 20 24 0 number of cycles at 60hz GF2010C-gf2060c super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of GF2010C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X